|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin PD-20674 04/04 30CPU04PBF ULTRAFAST RECTIFIER Features * * * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Lead-Free trr = 60ns IF(AV) = 30Amp VR = 400V Description/ Applications International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. Absolute Maximum Ratings Parameters VRRM IF(AV) IFSM IFRM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current Total Device (Rated VR ), T C = 149C Non Repetitive Peak Surge Current, @ 25C Peak Repetitive Forward Current (Rated V R , Square wave, 20 KHz), TC = 149C Operating Junction and Storage Temperatures - 65 to 175 C Per Leg Total Device Per Leg Per Leg Max 400 15 30 200 30 Units V A Case Styles 30CPU04PBF Base Common Cathode 2 1 3 2 Anode 1 Anode 2 TO247AC www.irf.com Common Cathode 1 30CPU04PBF Bulletin PD-20674 04/04 Electrical Characteristics @ TJ = 25C (unless otherwise specified) Parameters VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage Min Typ Max Units Test Conditions 400 V V V A A pF nH IR = 100A IF = 15A IF = 15A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 400V Measured lead to lead 5mm from package body 1.17 1.25 0.93 1.12 0.3 30 28 12 10 500 - IR Reverse Leakage Current - CT LS Junction Capacitance Series Inductance - Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified) Parameters trr Reverse Recovery Time Min Typ Max Units Test Conditions 36 46 80 60 ns IF = 1.0A, diF/dt = 50A/s, VR = 30V TJ = 25C TJ = 125C 345 nC A TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 15A VR = 200V diF /dt = 200A/s IRRM Peak Recovery Current - 3.6 8.7 84 - Qrr Reverse Recovery Charge - Thermal - Mechanical Characteristics Parameters TJ TStg RthJC RthJA RthCS Wt Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Per Leg Per Leg Min - 65 - Typ 0.8 0.4 6.0 0.21 - Max 175 175 1.5 40 12 10 Units C C/W g (oz) Kg-cm lbf.in Mounting Torque 6.0 5.0 Typical Socket Mount Mounting Surface, Flat, Smooth and Greased 2 www.irf.com 30CPU04PBF Bulletin PD-20674 04/04 100 1000 100 Reverse Current - I R (A) Tj = 175C Tj = 150C Tj = 125C Tj = 100C 10 1 0.1 0.01 0.001 0 Instantaneous Forward Current - I F (A) 10 Tj = 25C 0.0001 T J = 175C T = 150C J J 100 200 300 400 Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage T = 25C 1000 Junction Capacitance - C T (pF) T = 25C J 1 100 0.1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 10 0 100 200 300 400 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics 10 (C/W) thJC Thermal Impedance Z 1 0.1 D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance) Notes: PDM t1 t2 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC+ Tc 0.01 0.00001 0.0001 0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds) 10 100 Fig. 4 - Max. Thermal Impedance Z thJC Characteristics www.irf.com 3 30CPU04PBF Bulletin PD-20674 04/04 180 Allowable Case Temperature (C) Average Power Loss ( Watts ) 25 RMS Limit 170 160 150 Square wave (D = 0.50) Rated Vr applied 20 15 10 5 0 D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC DC 140 see note (3) 130 0 5 10 15 20 25 Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current 0 5 10 15 20 25 Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics 100 90 80 70 60 50 40 30 20 10 100 di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt Vr = 200V Tj = 125C Tj = 25C 1000 If = 30A If = 16A If = 8A Qrr ( nC ) trr ( ns ) 100 If = 30A If = 16A If = 8A Vr = 200V Tj = 125C Tj = 25C 1000 10 100 di F /dt (A/s ) 1000 Fig. 8 - Typical Stored Charge vs. di F /dt (3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = rated VR 4 www.irf.com 30CPU04PBF Bulletin PD-20674 04/04 Reverse Recovery Circuit VR = 200V 0.01 L = 70H D.U.T. di F /dt dif/dt ADJUST D G IRFP250 S Fig. 9- Reverse Recovery Parameter Test Circuit 3 IF 0 t rr ta tb 4 2 Q rr I RRM 0.5 I RRM di(rec)M/dt 0.75 I RRM 5 1 /dt di fF/dt 1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current 4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr Fig. 10 - Reverse Recovery Waveform and Definitions www.irf.com 5 30CPU04PBF Bulletin PD-20674 04/04 Outline Table 15.90 (0.626) 15.30 (0.602) 5.70 (0.225) 5.30 (0.208) 20.30 (0.800) 19.70 (0.775) 5.50 (0.217) 4.50 (0.177) (2 PLCS.) 1 3 2 3.65 (0.144) 3.55 (0.139) DIA. 5.30 (0.209) 4.70 (0.185) 2.5 (0.098) 1.5 (0.059) Base Common Cathode 2 1 14.80 (0.583) 14.20 (0.559) 2 3 Anode Anode 2 4.30 (0.170) 3.70 (0.145) 2.20 (0.087) MAX. 3.20 (0.126) MAX. 0.80 (0.032) 0.40 (0.213) 2.40 (0.095) MAX. 1 Common Cathode 1.40 (0.056) 1.00 (0.039) 5.47 (0.216) 5.43 (0.213) Conforms to JEDEC Outline TO-247AC Dimensions in millimeters and (inches) Marking Information EXAMPLE: THIS IS A 30CPU04 WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN THE ASSEMBLY LINE "H" INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER 30CPU04 P035H 56 57 6 www.irf.com 30CPU04PBF Bulletin PD-20674 04/04 Ordering Information Table Device Code 30 1 C 2 P 3 U 4 04 5 PbF 6 1 2 3 4 5 6 - Current Rating Common Cathode TO-247AC Ultrafast Recovery Voltage Rating Lead-Free (30 = 30A) (04 = 400V) Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/04 www.irf.com 7 |
Price & Availability of 30CPU04PBF |